Part Number Hot Search : 
N4990 16245A 2SC2854 E002566 M38C80MA 1H223 39H2R 2SD19
Product Description
Full Text Search
 

To Download DL4741A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS
DL4728A~DL4761A
Zener diode
Features
1. 2. 3. 4. High reliability Very sharp reverse characteristic Low reverse current level VZ -tolerance 5%
Applications
Voltage stabilization
Absolute Maximum Ratings
Tj=25? Parameter Power dissipation Z-current Junction temperature Storage temperature range Test Conditions Tamb= 50? Type Symbol PV IZ Tj Tstg Value 1 PV/VZ 200 -65~+175 Unit W mA ? ?
Maximum Thermal Resistance
Tj=25? Parameter Junction ambient Test Conditions I=9.5mm(3/8") TL=constant Symbol RthJA Value 100 Unit K/W
Electrical Characteristics
Tj=25? Parameter Forward voltage Test Conditions IF =200mA Type Symbol VF Min Typ Max 1.2 Unit V
Formosa MS
1
Formosa MS
DL4728A~DL4761A
Type DL4728A DL4729A DL4730A DL4731A DL4732A DL4733A DL4734A DL4735A DL4736A DL4737A DL4738A DL4739A DL4740A DL4741A DL4742A DL4743A DL4744A DL4745A DL4746A DL4747A DL4748A DL4749A DL4750A DL4751A DL4752A DL4753A DL4754A DL4755A DL4756A DL4757A DL4758A DL4759A DL4760A DL4761A
VZnom V 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
1)
IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3
for
rzjT O <10 <10 <9 <9 <8 <7 <5 <2 <3.5 <4.0 <4.5 <5.0 <7 <8 <9 <10 <14 <16 <20 <22 <23 <25 <35 <40 <45 <50 <60 <70 <80 <95 <110 <125 <150 <175
rzjK at O <400 <400 <400 <400 <500 <550 <600 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <750 <750 <750 <750 <750 <1000 <1000 <1000 <1000 <1500 <1500 <1500 <2000 <2000 <2000 <2000
IK Z mA 1 1 1 1 1 1 1 1 1 0. 5 0. 5 0. 5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR A <100 <100 <50 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5
at
V R V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30? , 9.5mm(3/8") from the diode body.
Formosa MS
2
Formosa MS
DL4728A~DL4761A
Dimensions in mm
0.4
0.4
f 2.6 0.2
5.0 0.2
Standard Glass Case JEDEC LL 41
f 2.8max
Formosa MS
3


▲Up To Search▲   

 
Price & Availability of DL4741A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X